PART |
Description |
Maker |
GMF05C-HS3-GS08 |
200 W, BIDIRECTIONAL, 5 ELEMENT, SILICON, TVS DIODE
|
VISHAY SEMICONDUCTORS
|
TSMBG1005C TSMBG1006C TSMBG1007C TSMBG1009C TSMBG1 |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|100V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|110V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|145V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|185V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|200V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|210V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|215V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|250V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|265V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|300V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|350V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|440V V(BO) MAX|DO-215AA 单双向击穿二极管| 440V五(公报)最大|的DO - 215AA
|
ITT, Corp.
|
JANTX1N6145A JAN1N6112A JANTX1N6148A |
BIDIRECTIONAL TRANSIENT SUPPRESSORS 500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
TVS二极- 瞬态电压抑 Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
1.5SMC220 1.5SMC550CA 1.5SMC480C 1.5SMC530C |
Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
DIOTEC SEMICONDUCTOR AG
|
CT50E CT35E CT130E CT120E CT200E CT110E |
DIAC (BIDIRECTIONAL DIODE THYRISTOR)|58V V(BO) MAX|50UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|40V V(BO) MAX|50UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|138V V(BO) MAX|25UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|125V V(BO) MAX|25UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|215V V(BO) MAX|15UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|118V V(BO) MAX|25UA I(S)|DO-204AL 移民部(双向二极管晶闸管)| 118V五(公报)最大| 25UA我(县)|的DO - 204AL
|
NJR
|
MAC15M ON0343 MAC15N MAC15M-D |
Triacs Silicon Bidirectional Thyristors 15 AMPERES RMS600 thru 800 VOLTS From old datasheet system Silicon Bidirectional Thyristor(15A00V三端双向可控硅晶闸管)
|
ON Semiconductor
|
TISP4240H3BJ TISP4095H3BJ TISP4070H3BJ TISP4400H3B |
Single Bidirectional Overvoltage Protection BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS 双向可控硅过电压保护
|
POINN[Power Innovations Ltd] Power Innovations Limited Power Innovations International, Inc.
|
1.5KE180 1.5KE33A 1.5KE16C 1N6268A 1N6303 1.5KE51 |
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes 18 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 36 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 8.2 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 10 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 320 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 43 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 24 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 12 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 56 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 33 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 6.8 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 75 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 68 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 47 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 130 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode
|
Fagor List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] Jameco Electronics TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Ecliptek, Corp. IDEC, Corp. List of Unclassifed Man...
|
TISP4095M3BJ TISP4240M3BJ TISP4070M3BJ TISP4400M3B |
Single Bidirectional Overvoltage Protection BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
|
POINN[Power Innovations Ltd] Power Innovations Limited Power Innovations International, Inc.
|
VS003E4 |
BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE SSPD Series Silicon Bidirectional Diode Noise clamp for signal line (For low voltage, USB2.0)
|
Sanyo Semicon Device
|
1SMA10CAT306 1SMA78CAT3G 1SMA10CAT3 1SMA10CAT3G 1S |
Plastic Surface Mount Bidirectional Zener Overvoltage Transienc Suppressor(塑料表贴封装,峰值功00W,变位电压24V,双向齐纳瞬变电压抑制 400 W, BIDIRECTIONAL, SILICON, TVS DIODE 400 Watt Peak Power Zener Transient Voltage Suppressors
|
ONSEMI[ON Semiconductor] http://
|
SDA4AK SDA2AK |
Bidirectional Clamping Diode Bidirektionale Begrenzer-Diode Surface mount bidirectional Clamping Diodes
|
Diotec Elektronische DIOTEC[Diotec Semiconductor]
|